PART |
Description |
Maker |
DAC8412BTC/883C |
Quad, 12-Bit DAC Voltage Output with Readback; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Industrial QUAD, PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
P4KE11 P4KE10 P4KE180 P4KE20 P4KE27 P4KE33 P4KE350 |
TRANSIENT VOLTAGE SUPPRESSOR 16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DAC with 2.5V, 2ppm/C Internal Reference 16-TSSOP -40 to 105 16-Bit, 1.0 GSPS 2x-4x Interpolating Digital-To-Analog Converter (DAC) 64-VQFN -40 to 85
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
AD664KN-UNI AD664SD-BIP AD664JN-BIP AD664JN-UNI AD |
Monolithic 12-Bit Quad DAC QUAD, PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PQCC44 PQ II HIP 7 REV A VR
|
http:// Analog Devices, Inc.
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
5962-9176402M3A 5962-9176401MXA 5962-9176404M3A 59 |
Quad 12-Bit DAC Voltage Output with Readback Reset to Mid-Scale Quad 12-Bit DAC Voltage Output with Readback Reset to Zero Code
|
Analog Devices
|
AD5314 AD5324 AD5324BRM AD5304 |
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5V to 5.5V, 500uA, Quad Rail-to-Rail, Voltage Output 8/10-Bit DACs AD5304/AD5314/AD5324:2.5Vto5.5V.50盗.QuadVoltageOutput8-BitDACina10-Pin..
IC-SM-12-BITQUADDAC
|
Analog Devices
|
AD5305 AD5325 |
2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5V to 5.5V, 500uA, Quad Rail-to-Rail, Voltage Output 8/10/12-Bit DACs
|
Analog Devices
|
AD5307ARU AD5327ARU AD5327ARU-REEL7 AD5317ARU-REEL |
2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP 2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC 2.5 V to 5.5 V, 400µA, Quad Rail-To-Rail Output 10-Bit DAC
|
Analog Devices
|
DAC8420QBC |
Quad 12-Bit Serial Voltage Output DAC
|
Analog Devices, Inc.
|
DAC8420FP DAC8420FQ DAC8420FS DAC8420 DAC8420EP DA |
Quad 12-Bit Serial Voltage Output DAC
|
AD[Analog Devices]
|
|